Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download BCW68F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcw67 series bcw68 series surface mount pnp silicon transistor description: the central semiconductor bcw67 and bcw68 series types are pnp silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. marking code: see marking code table on following page maximum ratings: (t a =25c) symbol bcw67 bcw68 units collector-base voltage v cbo 45 60 v collector-emitter voltage v ceo 32 45 v emitter-base voltage v ebo 5.0 v conitinuous collector current i c 800 ma peak collector current i cm 1.0 a continuous base current i b 100 ma peak base current i bm 200 ma power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w electrical characteristics : (t a =25c unless otherwise noted) symbol test conditions min typ max units i cbo v cb =rated v ceo 20 na i cbo v cb = rated v ceo , t a =150c 20 a i ebo v eb =4.0v 20 na bv cbo i c =10a (bcw67) 45 v bv cbo i c =10a (bcw68) 60 v bv ceo i c =10ma (bcw67) 32 v bv ceo i c =10ma (bcw68) 45 v bv ebo i e =10a 5.0 v v ce(sat) i c =100ma, i b =10ma 0.3 v v ce(sat) i c =500ma, i b =50ma 0.7 v v be(sat) i c =100ma, i b =10ma 1.25 v v be(sat) i c =500ma, i b =50ma 2.0 v f t v ce =5.0v, i c =50ma, f=20mhz 200 mhz c c v cb =10v, i e =0, f=1.0mhz 6.0 pf c e v eb =0.5v, i c =0, f=1.0mhz 60 pf bcw67a bcw67b bcw67c BCW68F bcw68g bcw68h min max min max min max h fe v ce =10v, i c =100a 35 50 80 h fe v ce =1.0v, i c =10ma 75 120 180 h fe v ce =1.0v, i c =100ma 100 250 160 400 250 630 h fe v ce =2.0v, i c =500ma 35 60 100 sot-23 case r2 (20-november 2009) www.centralsemi.com
bcw67 series bcw68 series surface mount pnp silicon transistor sot-23 case - mechanical outline lead code: 1) base 2) emitter 3) collector device marking code bcw67a da bcw67b db bcw67c dc BCW68F df bcw68g dg bcw68h dh www.centralsemi.com r2 (20-november 2009)


▲Up To Search▲   

 
Price & Availability of BCW68F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X